Part Number Hot Search : 
IRFZ32 AMP05BX IRFZ32 TGT300 LM358QT 42200 XXMCXXX AT16373F
Product Description
Full Text Search
 

To Download DTC124EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c,mar,2012 digital transistors (built-in resistors) dtc124em/DTC124EE/dtc124eua dtc124eka /dtc124eca/dtc124esa equivalent circuit digital transistor (npn) features ? built-in bias resistors enable the c onfiguration of an inverter circuit without connecting external input re sistors(see equivalent circuit) ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the inpu t.they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be se t for operation, making device design easy pin connenctions and marking dtc124em sot-723 1. in 2. gnd 3. out marking:25 DTC124EE sot-523 1. in 2. gnd 3. out marking: 25 dtc124eua sot-323 1. in 2. gnd 3. out marking: 25 dtc124eka sot-23-3l 1. in 2. gnd 3. out marking: 25 dtc124eca sot-23 1. in 2. gnd 3. out marking: 25 dtc124esa to-92s 1. gnd 2. out 3. in 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e ,ju n ,2013
maximum ratings(ta=25 unless otherwise noted) limits(dtc124e ) symbol parameter m e ua ka ca sa unit v cc supply voltage 50 v v in input voltage -10  +40 v i o output current 30 ma i cm peak collector current 100 ma p d power dissipation 100 150 200 200 200 300 mw t j junction temperature 150 t stg storage temperature -55  +150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol conditions min typ max unit v i(off) v cc =5v,i o =100a 0.5 v input voltage v i(on) v o =0.2v,i o =5ma 3 v output voltage v o(on) i o /i i =10ma/0.5ma 0.1 0.3 v input current i i v i =5v 0.36 ma output current i o(off) v cc =50v,v i =0 0.5 a dc current gain g i v o =5v,i o =5ma 56 input resistance r 1 15.4 22 28.6 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t v o =10v,i o =5ma,f=100mhz 250 mhz  2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e ,ju n ,2013
0.4 0.8 1.2 1.6 2.0 0.01 0.1 1 10 0.1 1 10 100 0.1 1 10 100 11 01 0 0 10 100 1000 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 0 4 8 12 16 20 0 2 4 6 8 10 0.1 1 10 100 1 10 100 1000 t a =100 t a =25 off characteristics 3 0.3 0.03 v cc =5v output current i 0 (ma) input voltage v i(off) (v) 30 3 0.3 t a =100 on characteristics t a =25 v o =0.2v 3 0.3 30 output current i o (ma) input voltage v i(on) (v) t a =25 t a =100 300 30 30 3 v o(on) ?? i o i o /i i =20 output voltage v o(on) (mv) output current i o (ma) dtc124em dtc124exx dtc124esa dtc124eua/ca/ka DTC124EE p d ?? t a power dissipation p d (mw) ambient temperature t a ( ) output capacitance c o (pf) f=1mhz t a =25 c o ?? v r reverse bias voltage v r (v) t a =100 t a =25 30 v o =5v 300 3 3 0.3 30 g i ?? i o output current i o (ma) dc current gain g i 5 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e ,ju n ,2013


▲Up To Search▲   

 
Price & Availability of DTC124EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X